Part Number Hot Search : 
AD7801 472H04P KRA571E 2450A 1N6173 N52050M 05D820 AK8128S
Product Description
Full Text Search
 

To Download SM15T36A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features ? for surface mounted applications in order to optimize board space ? low profile package ? built-in strain relief ? glass passivated junction ? low inductance ? excellent clamping capability ? repetition rate(duty cycle):0.05% volts to bv min. ? typical ir less than 1ma above 10v ? high temperature soldering: 250c/10 seconds at terminals mechanical data case: jedec do214ab. molded plastic over glass passivated junction dimensions in inches and (millimeters) terminal: solder plated, solderable per mil-std-750, method 2026 polarity: color band denotes positive end (cathode) except bidirectional standard packaging: 16mm tape(eia std rs-481) weight: 0.007ounce, 0.21gram ratings at 25 ambient temperature unless otherwise specified. symbol value units p ppm minimum 1500 watts i ppm see table 1 amps t j , t stg -55 to + 150 notes : 1.non-repetitive current pulse , per fig. 3 and derated above ta = 25 per fig. 2 . 2.mounted on 8.0mm2 copper pads to each terminal 3.8.3ms single half sine-wave , or equivalent square wave, duty cycle = 4 pulses per minutes maximum. certified rohs compliant 200 for bidirectional use suffix ca for types sm15t6v8ca thru types sm15t220ca peak pulse current of on 10/1000s waveform (note 1,fig.3) rating operating junction and storage temperature range sm15t series amps superimposed on rated load,(jedec method) (note 3) ? fast response time: typically less than 1.0ps from 0 peak forward surge current,8.3ms single half sine-wave devices for bipolar applicatio n electrical characteristics apply in both directions peak pulse power dissipation on 10/1000s waveform (note 1,fig.1) i fsm maximum ratings and characteristic s surface mount transient voltage suppressor voltage-6.8 to 220 volts 1500 watt peak pulse power product specification 1 of 2 4008-318-123 sales@twtysemi.com http://www.twtysemi.com
1500 watt tvs uni- polar bi- polar sm15t 6v8a 6v8ca mde bde 5.80 6.45 7.14 10 10.5 143.0 1000 sm15t 7v5a 7v5ca mdg bdg 6.40 7.13 7.88 10 11.3 133.0 500 sm15t 10a 10ca mdp bdp 8.55 9.50 10.50 1 14.5 103.0 10 sm15t 12a 12ca mdt bdt 10.20 11.40 12.60 1 16.7 89.8 5 sm15t 15a 15ca mdx bdx 12.80 14.30 15.80 1 21.2 70.8 5 sm15t 18a 18ca mee bee 15.30 17.10 18.90 1 25.2 59.5 5 sm15t 22a 22ca mek bek 18.80 20.90 23.10 1 30.6 49.0 5 sm15t 24a 24ca mem bem 20.50 22.80 25.20 1 33.2 45.2 5 sm15t 27a 27ca mep bep 23.10 25.70 28.40 1 37.5 40.0 5 sm15t 30a 30ca mer ber 25.60 28.50 31.50 1 41.4 36.2 5 sm15t 33a 33ca met bet 28.20 31.40 34.70 1 45.7 32.8 5 sm15t 36a 36ca mev bev 30.80 34.20 37.80 1 49.9 30.1 5 sm15t 39a 39ca mex bex 33.30 37.10 41.00 1 53.9 27.8 5 sm15t 68a 68ca mfp bfp 58.10 64.60 71.40 1 92.0 16.3 5 sm15t 100a 100ca mfx bfx 85.50 95.00 105.00 1 137.0 11.0 5 sm15t 150a 150ca mgk bgk 128.00 143.00 158.00 1 207.0 7.2 5 sm15t 200a 200ca mgv bgv 171.00 190.00 210.00 1 274.0 5.5 5 sm15t 220a 220ca mgx bgx 188.00 208.00 231.00 1 328.0 4.6 5 for bidirectional type having vrwm of 10 volts and less, the ir limit is double. certified rohs compliant sm15t part number marking code test current i t (ma) maximum clamping voltage @ipp vc(v) reverse stand- off voltage v rwm (v) breakdown v oltage v br (v) min.@i t peak pulse current ipp (a) reverse leakage @ vrwm ir(ma) breakdown v oltage v br (v) max.@i t product specification 2 of 2 4008-318-123 sales@twtysemi.com http://www.twtysemi.com


▲Up To Search▲   

 
Price & Availability of SM15T36A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X